Part Number Hot Search : 
25L5121 SFH614 PO0R4 2060CT CY7C102 TSC426 B3912 MC13020P
Product Description
Full Text Search
 

To Download BD643 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn dalington power transistors BD643 description ? with to-220c package ? complement to type bd644 ? darlington applications ? for use in output stages in audio equipment ,general amplifier,and analogue switching applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 45 v v ceo collector-emitter voltage open base 45 v v ebo emitter-base voltage open collector 5 v i c collector current-dc 8 a i cm collector current-pulse 12 a i b base current 150 a p c collector power dissipation t c =25 ?? 62.5 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? thermal characteristics symbol parameter max unit r th j-c thermal resistance junction to case 1.5 ??/w
inchange semiconductor product specification 2 silicon npn dalington power transistors BD643 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =0.1a, i b =0 45 v v (br)cbo collector-base breakdown voltage i c =5ma, i e =0 45 v v (br)ebo emitter-base breakdown voltage i e =2ma, i c =0 5 v v cesat collector-emitter saturation voltage i c =3a ,i b =12ma 2.0 v v be base-emitter voltage i c =3a , v ce =3v 2.5 v i cbo collector cut-off current v cb =v cbmax ; i e =02 0.2 ma i ceo collector cut-off current v ce =1/2 v cemax ; i b =0 0.5 ma i ebo emitter cut-off current v eb =5v; i c =0 5 ma h fe-1 dc current gain i c =0.5a ; v ce =3v 1500 h fe-2 dc current gain i c =3a ; v ce =3v 750 h fe-3 dc current gain i c =6a ; v ce =3v 750 v f diode forward voltage i f =3a 1.8 v f t transition frequency i c =3a;v ce =3v;f=1mhz 7 mhz
inchange semiconductor product specification 3 silicon npn dalington power transistors BD643 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of BD643

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X